Part Number Hot Search : 
2SK2357 LTC1734L MAX1338 MAX1795 MAZ4100 2SD1489 IG0512SA 62L10PF
Product Description
Full Text Search
 

To Download SR5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5.0 amp schottky barrier rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 5.0a maximum dc reverse current t a=25 c at rated dc blocking voltage t a=100 c typical junction capacitance (note1) notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to lead vertical pc board mounting 0.375"(9.5mm) lead length. * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any sr520 thru SR5100 typical thermal resistance r jl (note 2) vol t age range 20 to 100 volts current 5.0 amperes do-27 dimensions in inches and (millimeters) 1.0(25.4) min. 1.0(25.4) min. .375(9.5) .285(7.2) .052(1.3) .048(1.2) dia. .220(5.6) .197(5.0) dia. a a v ma ma pf 5.0 150 0.5 50 10 -65 +150 -65 +150 0.55 0.70 380 sr520 sr530 sr540 sr550 sr560 sr580 SR5100 units 20 30 40 50 60 80 100 v 20 30 40 50 60 80 100 v 14 21 28 35 42 56 70 v 0.70 0.85 operating storage temperature range t stg temperature range t j c c c /w maximum average forward rectified current .375"(9.5mm) lead length at t l =95 c 28
0.1 1.0 .01 10 50 rating and characteristic curves (sr520 thru SR5100) fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 1.0 2.0 3.0 4.0 5.0 6.0 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 s r 5 5 0 ~ s r 5 6 0 s r 5 8 0 ~ s r 5 1 0 0 s r 5 2 0 ~ s r 5 4 0 tj=25 c 0 fig.2-typical forward characteristics fig.3-maximum non-repetitive forward surge current fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 1000 1200 1400 800 600 400 200 0 .01 .05 .1 .5 1 5 10 50 100 60 30 0 90 150 120 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a ) p e a k f o r w a r d s u r g e c u r r e n t , ( a ) lead temperature,( c) fig.5 - typical reverse characteristics .1 1.0 10 100 r e v e r s e l e a k a g e c u r r e n t , ( m a ) percentage rated peak reverse vol tage 0 20 40 60 80 100 120 140 .01 tj=25 c tj=100 c 0 20 40 60 80 100 120 140 160 180 200 29


▲Up To Search▲   

 
Price & Availability of SR5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X